|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
11737_DATA_SHEETS 27/3/06 12:28 pm Page 1 www.hamlin.com 59250 Seating Occupancy Reed Switch Sensor Features and Benefits Features * Magnetically operated position sensor * Simple push fit mounting * Normally open contact * Operates when plunger is depressed * Choice of cable length * Choice of connector Benefits * Robust construction makes this sensor well suited to harsh environments * No standby power required * Integral neoprene boot provides protection from severe environments * Hermetically sealed, magnetically operated contacts give excellent life and reliabilty Applications * Seat occupancy sensing * Position and limit sensing DIMENSIONS (in) mm (1.280) 32,51 (.800) 20,32 (1.050) 26,67 (.520) 13,21 (1.000) 25,40 (1.470) 37,34 Table 1+ (.390) 10,00 (.960) 24,38 (.680) 17,27 Switching Specifications SPECIFICATIONS Switch Type Contact Type Contact Rating Voltage Voltage Current Current Resistance Resistance Capacitance Temperature Temperature Shock Vibration Power Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage 11ms 1/2 Sine 50 - 2000Hz Watts - max max. Vdc-min. max. max. 0hms-max. 0hms-min. pF-typ. oC oC 1 Normally open 10 200Vdc 140Vac RMS 250 0.5Adc 0.35Aac RMS 0.5Adc 0.35Aac RMS 0.2 1010 0.2 -40 to +85 -65 to + 105 100 30 g-max. g-max. Cable Length and Termination Specification TABLE 1 CABLE LENGTH: Select Option 01 02 03 04 05 Activation (without boot) TABLE 3 TABLE 2 Termination Select Option A B C Description Tinned leads Deutsch DTM04-2P (0.25") 6.35mm Insulated Fastons Operate Distance d1 (.217) 5.5mm max. Release Distance d2 (.059) 1.5mm min. Operate Rest Position d1 (Cable Type 18 AWG19/30 PVC 105oC) Length Type (3.94) 100 (11.81) 300 (19.69) 500 (29.53) 750 (39.37) 1000 Release d2 ORDERING INFORMATION 59250 Series 59250 Switch Type Sensitivity Cable Length Termination Hamlin USA Hamlin UK Hamlin Germany Hamectrol France Tel: Tel: Tel: Tel: 1 S XX X Table 1 Table 2 INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is applied. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN. +1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6142 923920 * Fax: +49 (0) 6142 923921 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com Issue No.1 Date 01/04/06 DCR B4230 |
Price & Availability of 59250-1-S-02-A |